Part Number Hot Search : 
GBPC25 300000 G5001 S1205 R0515 BZV55C15 E220K AMC2344
Product Description
Full Text Search
 

To Download SR280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR220 THRU SR2100
Elektronische Bauelemente VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
DO-15
FEATURES
.140(3.6) .104(2.6) DIA.
. Low forward voltage drop . High current capability . High reliability . High surge current capability . Epitaxial construction
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
.300(7.6) .230(5.8)
1.0(25.4) MIN.
MECHANICAL DATA
. Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Lead: Axial Lead, solderable per MIL-STD-202,
method 208 guaranteed
Dimensions in inches and (millimeters)
. Polarity: Color band denotes cathode end . Mounting position: Any . Weight: 0.34 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER SR220 SR230 SR240 SR260 Maximum Recurrent Peak Reverse Voltage 20 30 40 60 Working Peak Reverse Voltage 20 30 40 60 Maximum DC Blocking Voltage 20 30 40 60 Maximum Average Forward Rectified Current, 2.0 See Fig. 1 Peak Forward Surge Current, 8.3 ms single 50 half Sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 2.0A 0.52 0.65 Maximum DC Reverse Current Ta=25 C 0.2 At Rated DC Blocking Voltage Ta=100 C 20 Typical Junction Capacitance (Note1) 170 Typical Thermal Resistance RJA (Note 2) 35 Operating Temperature Range TJ -50 ~ +150 Storage Temperature Range TSTG -65 ~ +170 NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
O O O
SR280 80 80 80
SR2100 100 100 100
UNITS V V V A A
0.83
V mA
O
pF C /W C C
O O
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 1 of 2
SR220 THRU SR2100
Elektronische Bauelemente VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SR220 THRU SR2100)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
2.4 2.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.6
SR 22 SR
3.0 1.0
SR
0
0.8 0.4 0 0 20 40 60 80 100
22 0
~S
R2 4
1.2
10
0
SR 26 SR 28 0~ SR 21 00
0 26
AMBIENT TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
0~ SR 0 24
120
~S 1 R2 00
140
160
180
200
Tj=25 C Pulse Width 300us 1% Duty Cycle
0.1
PEAK FORWARD SURGE CURRENT,(A)
40
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
20
10
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
700 600 500 400 300 200 100 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SR280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X